PART |
Description |
Maker |
AD5687 |
Dual, 16-/12-Bit nanoDAC with SPI Interface
|
Analog Devices
|
EVAL-AD5063EB AD5063BRMZ-1-REEL71 |
Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
|
Analog Devices
|
LT1236A-5 LTC2450 LTC2450-1 LTC2451 LTC1860L LTC62 |
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface Ultra-Tiny, Differential, 16-Bit Delta Sigma ADC with SPI Interface; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO8 Ultra-Tiny, Differential, 16-Bit Delta Sigma ADC with SPI Interface; Package: SOT; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO8
|
Linear Technology, Corp.
|
AD5601BKSZ-500RL7 AD5611AKSZ-500RL7 AD5611BKSZ-500 |
2.7 V to 5.5 V, <100 µA, 8-Bit nanoDAC®, SPI Interface in SC70 Package; Package: SC70; No of Pins: 6; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO6 2.7 V to 5.5 V, <100 µA, 10-Bit nanoDAC®, SPI Interface in SC70 Package; Package: SC70; No of Pins: 6; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO6 2.7 V to 5.5 V, <100 µA, 10-Bit nanoDAC®, SPI Interface in SC70 Package; Package: SC-70; No of Pins: 6; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO6 2.7 V to 5.5 V, <100 µA, 12-Bit nanoDAC®, SPI Interface in SC70 Package SERIAL INPUT LOADING, 6 us SETTLING TIME, 12-BIT DAC, PDSO6
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD5601BCPZ-RL7 AD5611AKSZ-500RL7 ADR425 AD5601BKSZ |
2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDAC 2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDAC
|
Analog Devices
|
AD5686RACPZ-RL7 AD5686RBCPZ-RL7 AD5685RBCPZ-RL7 AD |
Quad, 16-/14-/12-Bit nanoDAC
|
Analog Devices
|
AD5680-15 |
5 V 18-Bit nanoDAC in a SOT-23
|
Analog Devices
|
AD5061 |
16-Bit Vout nanoDAC Converter
|
Analog Devices
|
AD5512A AD5542A |
(AD5512A - AD5542A) 16-/12-Bit NanoDAC
|
Analog Devices
|
AD5641 AD5641AKS AD5641BKS |
2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
|
AD[Analog Devices]
|
M41ST95YMX6TR M41ST95W M41ST95WMH6 M41ST95WMH6E M4 |
MMJ IN-LINE COUPLER F/F CROSSP 5.0.0V12位(64位8)串行时钟(SPI)的静态存储器和NVRAM MOD CONN, RJ-11, 4 WIRE CLUSTER BAR, RJ-11 W/ (8) 6-WI 5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
|